Part Number Hot Search : 
LTC35 AP8942 MBRS360P 74HC40 AME8822 Y10EL XPD0250C 500DIF
Product Description
Full Text Search
 

To Download 5KP45AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all products are sold to the commercial specifications shown, for any additional reliability testing or extended parameters, pl ease consult the factory. contact semitron on: telephone: +44 (0)1793 724000 fax: +44 (0)1793 720401 25 figure 2 - capacitance vs. stand-off voltage figure 1 - peak pulse power vs. pulse time 0.1 s 0.1 1.0 10 100 1.0 s 1.0 ms 10 s 10 ms 10 0 s tp. pulse width tp peak pulse power (pp) in kw 1 100 1000 2000 4000 6000 200 500 10,000 20,000 40,000 100,000 10 20 50 2 5 100 200 v (br) , reverse voltage, volts c j , capacitance, pf t j =25 c f = 1.0 mh z vsig= 50mvp-p measured at stand-off voltage (v mw ) measured at zero bias voltage 5% voltage tolerance packaging option b = bulk (500 pcs) t = tape & reeled (1000 pcs) bi directional 5kp a c designed specifically for the protection of sensitive electronics used in automotive, heavy industrial environments, and against voltage transients induced by lightning in other applications. ideal for the protection of i/o interfaces, vcc bus, and other integrated circuits. features stand-off voltage range 5.0 to 180 volts glass passivated junction low clamping factor uni-directional and bi-directional 100% surge tested ul recognized maximum rating peak pulse power (ppk): 5000 watts (10 x 1000?) (see diagram on page 6 for wave form) 8 watt steady state response time: 1 x 10 -12 seconds (theoretical) forward surge rating: 400 amps, 8.3ms half sine wave, (uni-directional devices only) operating & storage temperature: -55? to +150? mechanical characteristics case: jedec r6; moulded plastic over glass passivated junction terminals: axial leads, solderable per mil-std-202 method 208 solderable leads = 230c for 10 seconds (1.59mm from case) marking: cathode band (positive terminal, uni-directional devices only), device code, logo weight: 2.0 grammes (approx) 1.2 - 1.3 8.0 max 9.0 max 25.4 min 25.4 min all dimensions in mm ordering information 5kp5.0 - 5kp180c 5kp5.0 - 5kp180c series
all products are sold to the commercial specifications shown, for any additional reliability testing or extended parameters, pl ease consult the factory. contact semitron on: telephone: +44 (0)1793 724000 fax: +44 (0)1793 720401 26 electrical specifications @ tamb = 25? reverse breakdown voltage maximum maximum maximum max part part standoff v br (volts) @ i t reverse clamping peak voltage number number voltage leakage voltage pulse temperature (uni) (bi) v r i r @ v r v c @ i pp current variation (volts) min max ma (?) (volts) i pp (a) of v br (mv/?) 5kp5.0 5kp5.0c * 5.0 6.40 7.30 50.0 5000.0 9.6 520.0 4.0 5kp5.0a n/a 5.0 6.40 7.00 50.0 5000.0 9.2 543.0 4.0 5kp6.0 5kp6.0c 6.0 6.67 8.15 50.0 5000.0 11.4 439.0 4.0 5kp6.0a 5kp6.0ca 6.0 6.67 7.37 50.0 5000.0 10.3 485.0 4.0 5kp6.5 5kp6.5c 6.5 7.22 8.82 50.0 2000.0 12.3 407.0 4.0 5kp6.5a 5kp6.5ca 6.5 7.22 7.98 50.0 2000.0 11.2 447.0 4.0 5kp7.0 5kp7.0c 7.0 7.78 9.51 50.0 1000.0 13.3 378.0 5.0 5kp7.0a 5kp7.0ca 7.0 7.78 8.60 50.0 1000.0 12.0 417.0 5.0 5kp7.5 5kp7.5c 7.5 8.33 10.2 5.0 250.0 14.3 350.0 6.0 5kp7.5a 5kp7.5ca 7.5 8.33 9.21 5.0 250.0 12.9 388.0 6.0 5kp8.0 5kp8.0c 8.0 8.89 10.9 5.0 150.0 15.0 333.0 6.0 5kp8.0a 5kp8.0ca 8.0 8.89 9.83 5.0 150.0 13.6 367.0 6.0 5kp8.5 5kp8.5c 8.5 9.44 11.5 5.0 50.0 15.9 314.0 7.0 5kp8.5a 5kp8.5ca 8.5 9.44 10.4 5.0 50.0 14.4 347.0 7.0 5kp9.0 5kp9.0c 9.0 10.0 12.2 5.0 20.0 16.9 295.0 8.0 5kp9.0a 5kp9.0ca 9.0 10.0 11.1 5.0 20.0 15.4 325.0 8.0 5kp10 * 5kp10c 10.0 11.1 13.6 5.0 15.0 18.8 266.0 9.0 5kp10a * 5kp10ca 10.0 11.1 12.3 5.0 15.0 17.0 294.0 9.0 5kp11 5kp11c 11.0 12.2 14.9 5.0 10.0 20.1 249.0 10.0 5kp11a 5kp11ca 11.0 12.2 13.5 5.0 10.0 18.2 274.0 10.0 5kp12 * 5kp12c 12.0 13.3 16.3 5.0 10.0 22.0 227.0 11.0 5kp12a * 5kp12ca 12.0 13.3 14.7 5.0 10.0 19.9 251.0 11.0 5kp13 5kp13c 13.0 14.4 17.6 5.0 10.0 23.8 210.0 12.0 5kp13a 5kp13ca 13.0 14.4 15.9 5.0 10.0 21.5 232.0 12.0 5kp14 5kp14c 14.0 15.6 19.1 5.0 10.0 25.8 194.0 13.0 5kp14a 5kp14ca 14.0 15.6 17.2 5.0 10.0 23.2 215.0 13.0 5kp15 5kp15c 15.0 16.7 20.4 5.0 10.0 26.9 188.0 15.0 5kp15a 5kp15ca 15.0 16.7 18.5 5.0 10.0 24.4 206.0 15.0 5kp16 5kp16c 16.0 17.8 21.8 5.0 10.0 28.8 176.0 18.0 5kp16a 5kp16ca 16.0 17.8 19.7 5.0 10.0 26.0 192.0 16.0 5kp17 5kp17c 17.0 18.9 23.1 5.0 10.0 30.5 164.0 19.0 5kp17a 5kp17ca 17.0 18.9 20.9 5.0 10.0 27.6 181.0 18.0 5kp18 5kp18c 18.0 20.0 24.4 5.0 10.0 32.2 155.0 20.0 5kp18a 5kp18ca 18.0 20.0 22.1 5.0 10.0 29.2 172.0 19.0 5kp20 5kp20c 20.0 22.2 27.1 5.0 10.0 35.8 139.0 24.0 5kp20a 5kp20ca 20.0 22.2 24.5 5.0 10.0 32.4 154.0 22.0 5kp22 5kp22c * 22.0 24.4 29.8 5.0 10.0 39.4 127.0 27.0 5kp22a 5kp22ca * 22.0 24.4 26.9 5.0 10.0 35.5 141.0 24.0 5kp24 * 5kp24c 24.0 26.7 32.6 5.0 10.0 43.0 116.0 30.0 5kp24a * 5kp24ca 24.0 26.7 29.5 5.0 10.0 38.9 128.0 27.0 5kp26 * 5kp26c 26.0 28.9 35.3 5.0 10.0 46.6 107.0 33.0 5kp26a * 5kp26ca 26.0 28.9 31.9 5.0 10.0 42.1 119.0 29.0 5kp28 5kp28c 28.0 31.1 39.0 5.0 10.0 50.1 99.0 34.0 suffix ??denotes bi-directional device. suffix ??denotes 5% tolerance device, no suffix denotes a 10% tolerance device 1. for bi-directional devices having v r of 10 volts and under the i r limit is doubled. 2. v f = 3.5 volts max for devices of v r <100v, and v f = 5.0 volts max, for devices of v r >100v. i f =100a, 300 ? square wave. * prefered voltages.
electrical specifications @ tamb = 25? reverse breakdown voltage maximum maximum maximum max part part standoff v br (volts) @ i t reverse clamping peak voltage number number voltage leakage voltage pulse temperature (uni) (bi) v r i r @ v r v c @ i pp current variation (volts) min max ma (?) (volts) i pp (a) of v br (mv/?) 5kp28a 5kp28ca 28.0 31.1 34.4 5.0 10.0 45.5 110.0 30.0 5kp30 5kp30c 30.0 33.3 40.7 5.0 10.0 53.5 93.0 38.0 5kp30a 5kp30ca 30.0 33.3 36.8 5.0 10.0 48.4 103.0 35.0 5kp33 5kp33c * 33.0 36.7 44.9 5.0 10.0 59.0 85.0 41.0 5kp33a 5kp33ca * 33.0 36.7 40.6 5.0 10.0 53.3 94.0 38.0 5kp36 5kp36c 36.0 40.0 48.9 5.0 10.0 64.3 78.0 45.0 5kp36a 5kp36ca 36.0 40.0 44.2 5.0 10.0 58.1 86.0 40.0 5kp40 5kp40c 40.0 44.4 54.3 5.0 10.0 71.4 70.0 50.0 5kp40a 5kp40ca 40.0 44.4 49.1 5.0 10.0 64.5 78.0 45.0 5kp43 5kp43c 43.0 47.8 58.4 5.0 10.0 76.7 65.0 54.0 5kp43a 5kp43ca 43.0 47.8 52.8 5.0 10.0 69.4 72.0 49.0 5kp45 5kp45c 45.0 50.0 61.1 5.0 10.0 80.3 62.0 57.0 5kp45a 5kp45ca 45.0 50.0 55.3 5.0 10.0 72.7 69.0 51.0 5kp48 5kp48c 48.0 53.3 65.2 5.0 10.0 85.5 58.0 62.0 5kp48a 5kp48ca 48.0 53.3 58.9 5.0 10.0 77.4 65.0 55.0 5kp51 5kp51c 51.0 56.7 69.3 5.0 10.0 91.1 55.0 65.0 5kp51a 5kp51ca 51.0 56.7 62.7 5.0 10.0 82.4 61.0 60.0 5kp54* 5kp54c 54.0 60.0 73.3 5.0 10.0 96.3 52.0 70.0 5kp54a* 5kp54ca 54.0 60.0 66.3 5.0 10.0 87.1 57.0 64.0 5kp58 5kp58c 58.0 64.4 78.7 5.0 10.0 103.0 49.0 77.0 5kp58a 5kp58ca 58.0 64.4 71.2 5.0 10.0 93.6 53.0 69.0 5kp60 * 5kp60c 60.0 66.7 81.5 5.0 10.0 107.0 47.0 79.0 5kp60a * 5kp60ca 60.0 66.7 73.7 5.0 10.0 96.8 52.0 70.0 5kp64 5kp64c 64.0 71.0 86.9 5.0 10.0 114.0 44.0 85.0 5kp64a 5kp64ca 64.0 71.0 78.6 5.0 10.0 103.0 49.0 75.0 5kp70 5kp70c 70.0 77.0 95.1 5.0 10.0 125.0 40.0 93.0 5kp70a 5kp70ca 70.0 77.0 86.0 5.0 10.0 113.0 44.0 84.0 5kp75 5kp75c 75.0 83.3 102.0 5.0 10.0 134.0 37.0 100.0 5kp75a 5kp75ca 75.0 83.3 92.1 5.0 10.0 121.0 41.0 90.0 5kp78 5kp78c 78.0 86.7 106.0 5.0 10.0 139.0 36.0 104.0 5kp78a 5kp78ca 78.0 86.7 95.8 5.0 10.0 126.0 40.0 94.0 5kp85 5kp85c 85.0 94.4 115.0 5.0 10.0 151.0 33.0 113.0 5kp85a 5kp85ca 85.0 94.4 104.0 5.0 10.0 137.0 36.0 102.0 5kp90 5kp90c * 90.0 100.0 122.0 5.0 10.0 160.0 31.0 120.0 5kp90a 5kp90ca * 90.0 100.0 111.0 5.0 10.0 146.0 34.0 109.0 5kp100 5kp100c 100.0 111.0 136.0 5.0 10.0 179.0 28.0 134.0 5kp110 5kp110c * 110.0 122.0 149.0 5.0 10.0 196.0 26.0 147.0 5kp120 5kp120c 120.0 133.0 163.0 5.0 10.0 215.0 23.0 158.0 5kp150 * 5kp150c 150.0 166.0 204.0 5.0 10.0 268.0 18.5 200.0 5kp180 5kp180c 180.0 200.0 244.0 5.0 10.0 320.0 15.0 240.0 suffix ??denotes bi-directional device. suffix ??denotes 5% tolerance device, no suffix denotes a 10% tolerance device 1. for bi-directional devices having v r of 10 volts and under the i r limit is doubled. 2. v f = 3.5 volts max for devices of v r <100v, and v f = 5.0 volts max. for devices of v r >100v. i f =100a, 300 ? square wave. * prefered voltages. all products are sold to the commercial specifications shown, for any additional reliability testing or extended parameters, pl ease consult the factory. contact semitron on: telephone: +44 (0)1793 724000 fax: +44 (0)1793 720401 27


▲Up To Search▲   

 
Price & Availability of 5KP45AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X